Part Number Hot Search : 
V0DS00 C114T AD102 24S10 001TC NJU6053 BPZ5024 68HC705
Product Description
Full Text Search
 

To Download MM1462XN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Op Amplifier 2 Circuit and Shunt Regulator (2.5V) MM1462BN, MM1462XN
Op Amplifier 2 Circuit and Shunt Regulator (2.5V)
Monolithic IC MM1462BN, MM1462XN
Outline
MM1462BN incorporates a 2-circuit op amp + shunt regulator (1.25V), and MM1462XN incorporates a 2circuit op amp + shunt regulator (2.5V). Supports voltage control and sensors for adapters, etc.
Features
1. Input bias current 2. Power supply voltage removal 3. Current consumption 4. Reference voltage 5. Output inversion voltage fluctuation (VCC=2.5~5V) 30nA typ. 65dB min. (B amp) 2.4mA typ. (MM1462BN) 1.2mA typ. (MM1462XN) 1.25V typ. (MM1462BN) 2.50V typ. (MM1462XN) 3mV typ. (MM1462BN-A amp) 0.5mV typ. (MM1462BN-B amp)
Package
SOT-25A SOT-25B
Applications
1. Charger 2. Switching power supply 3. AC adapter
Pin Assignment
5
4
1
2
3
1 2 3 4 5
OUT GND BIN AIN VCC
SOT-25A, SOT-25B (TOP VIEW)
MITSUMI
Op Amplifier 2 Circuit and Shunt Regulator (2.5V) MM1462BN, MM1462XN
Block Diagram
MM1462XN MM1462BN
VCC 5
AIN 4
VCC 5
AIN 4
3080 46920 4000
1 OUT
2 GND
3 BIN
1 OUT
3097 22057 2000
2 GND
3 BIN
Pin Description
Pin No. 1 Pin name OUT Function Output pin Internal equivalent circuit diagram
1
3 4
BIN AIN
Input pin
3 4
Absolute Maximum Ratings
Item Strage temperature Operating temperature Supply voltage Allowable loss
(Ta=25C) Symbol TSTG TOPR VCC max Pd Ratings -40~+125 -25~+85 -0.3~+20 250 Units C C V mW
MITSUMI
Op Amplifier 2 Circuit and Shunt Regulator (2.5V) MM1462BN, MM1462XN
Recommended Operating Conditions
MM1462BN
Item Operating temperature Operating voltage Symbol TOPR VOPR Ratings -20~+70 +2.5~+20 Units C C
MM1462XN
Item Operating temperature Operating voltage Symbol TOPR VOPR Ratings -25~+85 +4~+20 Units C C
Electrical Characteristics
MM1462BN
Item Current consumption A amplifier Output inverting voltage (A) Input bias current (A) PSRR (A) Output sink current (A) Output inverting voltage (A) deviation Output inverting voltage (A) temperature coefficient B amplifier Output inverting voltage (B) Input bias current (B) PSRR (B) Output sink current (B) Output inverting voltage (B) deviation Output inverting voltage (B) temperature coefficient
(Except where noted therwise, Ta=25C, VCC=5V)
Symbol ICC VA IB PSRR ISI VA
Measurement conditions AIN=0V, BIN=0V, RL= BIN=0V, RL=4.3k, VCC=3~5V BIN=0V, RL=4.3k BIN=0V, RL=4.3k AIN=1.35V, BIN=0V, VOUT=1.5V BIN=0V, RL=4.3k, VCC=2.5~5V
Min. Typ. Max. Units 2.4 3.4 mA 1.225 1.25 1.275 V 30 150 nA 50 dB 5 mA 3 100 mV ppm/C
VB IB PSRR ISI VB
AIN=0V, RL=4.3k, VCC=3~5V AIN=0V, RL=4.3k, VCC=3~5V AIN=0V, RL=4.3k AIN=0V, BIN=0.17V, VOUT=1.5V AIN=0V, RL=4.3k, VCC=2.5~5V
151 65 5
154 30
157 150
mV nA dB mA mV ppm/C
0.5 100
MM1462XN
Item Current consumption A amplifier Output inverting voltage (A) Input bias current (A) PSRR (A) Output sink current (A) B amplifier Output inverting voltage (B) Input bias current (B) PSRR (B) Output sink current (B) Symbol ICC VA IB PSRR (A) ISI VB IB PSRR (B) ISI Measurement conditions AIN=0V, BIN=0V, RL= BIN=0V, RL=4.3k BIN=0V, RL=4.3k BIN=0V, RL=4.3k AIN=2.7V, BIN=0V, VOUT=1.5V AIN=0V, RL=4.3k AIN=0V, RL=4.3k AIN=0V, RL=4.3k AIN=0V, BIN=0.17V, VOUT=1.5V Min. Typ. Max. Units 1.2 1.7 mA 2.45 62 5 151 65 5 154 30 157 150 2.50 30 2.55 150 V nA dB mA mV nA dB mA
MITSUMI
Op Amplifier 2 Circuit and Shunt Regulator (2.5V) MM1462BN, MM1462XN
Measuring Circuit
MM1462BN
VCC
0.22F 100k 5
TPB TPA
RL VCC
MM1462BNRE 1 SW11
SW10
SW1
SW2
SW3
SW4
0.22F 1.5k SW5
2000
AIN
OFF SW6 SW7
AIN
4 22057
OUT
A SW12 1.5k
BIN
3 SW8 SW9 3097 0.1F
BIN
3.9k 1.5V 680k 47F
1k
2 1M 1M
VIN
GND
(Except where noted therwise, Ta=25C, VCC=5.0V) Switch Status SW1 SW2 SW3 SW4 SW5 SW6 SW7 SW8 SW9 SW10 SW11 SW12 RL () VIN (V) Current consunption 4.3k Output inverting AIN 4.3k voltage (A) Input bias 4.3k current (A) Output sink 1.35 current (A) PSRR (A) 4.3k VA Output inverting BIN 4.3k voltage (B) Input bias 4.3k current (B) Output sink 0.17 current (B) 3 PSRR (B) 4.3k Item : ON : OFF Mesure TPA voltage Mesure TPA voltage Mesure output sink current 1 Mesure TPB voltage Mesure TPB voltage Mesure output sink current 2
*
**
*
1
*2 *3
VOUT1 is defined by the voltage when VCC=4V. VOUT2 is defined by the voltage when VCC=25V. PSRR (A) is shown in the eqation below. VOUT1 is defined by the voltage when VCC=4V. VOUT2 is defined by the voltage when VCC=25V. PSRR (B) is shown in the eqation below. PSRR=40+20log | (25V-4V) / (VOUT1-VOUT2) | VB-20mV
MITSUMI
Op Amplifier 2 Circuit and Shunt Regulator (2.5V) MM1462BN, MM1462XN
MM1462XN
VCC
TPB TPA
0.22F 100k 5
RL VCC
MM1462XNRE 1 SW11
SW10
SW1
SW2
SW3
SW4
0.22F 1.5k SW5
4000
AIN
OFF SW6 SW7
AIN
4 46920
OUT
A SW12 1.5k
BIN
3 SW8 SW9 3080 0.1F
BIN
3.9k 1.5V 680k 47F
1k
2 1M 1M
VIN
GND
(Except where noted therwise, Ta=25C, VCC=5.0V) Switch Status SW1 SW2 SW3 SW4 SW5 SW6 SW7 SW8 SW9 SW10 SW11 SW12 RL () VIN (V) Current consunption 4.3k Output inverting AIN 4.3k voltage (A) Input bias 4.3k current (A) Output sink 2.7V current (A) PSRR (A) 4.3k VA Output inverting 4.3k BIN voltage (B) Input bias 4.3k current (B) Output sink 0.17 current (B) 3 PSRR (B) 4.3k Item : ON : OFF Mesure TPA voltage Mesure TPA voltage Mesure output sink current 1 Mesure TPB voltage Mesure TPB voltage Mesure output sink current 2
*
**
*
1
*2 *3
VOUT1 is defined by the voltage when VCC=4V. VOUT2 is defined by the voltage when VCC=25V. PSRR (A) is shown in the eqation below. VOUT1 is defined by the voltage when VCC=4V. VOUT2 is defined by the voltage when VCC=25V. PSRR (B) is shown in the eqation below PSRR=40+20log | (25V-4V) / (VOUT1-VOUT2) | VB-20mV
MITSUMI
Op Amplifier 2 Circuit and Shunt Regulator (2.5V) MM1462BN, MM1462XN
Application Circuit
MM1462XN
0.001 /1kV 56k 68H
B+
100
1k 5 4 0.1F 100 /16V 1.5k 0.22 390
47k
0.022F 0.1F 0.033F 8.3 /250V
800 /8V
1M
100 /16V 8.2k
1
2
3
390
0.1F
1.5k
GND
100 100
Characteristics
MM1462BN
1.30
(3.0V product except where noted therwise, Ta=25C, VIN=5V, VCONT=5V, CIN=1F, CO=2.2)
2.7k
1.30
Output Inverting Voltage A (V)
1.25 1.20 1.15 1.10 0 1 2 3 4 5
Output Inverting Voltage A (V)
1.25 1.20 1.15 1.10 0 5 10 15 20
VCC (V)
0.160 0.160
VCC (V)
Output Inverting Voltage B (V)
0.155 0.150 0.145 0.140 0 1 2 3 4
Output Inverting Voltage B (V)
0.155 0.150 0.145 0.140 0 1 2 3 4
VCC (V)
VCC (V)
Note: these are typical characteristics
MITSUMI
Op Amplifier 2 Circuit and Shunt Regulator (2.5V) MM1462BN, MM1462XN
MM1462XN
0.159
Sample No.
Output Inverting Voltage B (V)
Output Inverting Voltage B (V)
0 1 2 3
0.158 0.157 0.156 0.155 0.154 0.153 0.152 0.151 0.150 0.149
0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0
4
6
8 10 12 14 16 18 20 22 24 26 28 30
VCC (V)
VCC (V)
2.6 2.4 2.55 Sample No.
Output Inverting Voltage B (V)
2.0 1.8 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 0 1 2 3
Output Inverting Voltage B (V)
2.2
2.54 2.53 2.52 2.51 2.50 2.49 2.48 2.47 2.46 2.45 2.44 4 6 8 10 12 14 16 18 20 22 24 26 28 30
VCC (V)
VCC (V)
Note: these are typical characteristics


▲Up To Search▲   

 
Price & Availability of MM1462XN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X